PART |
Description |
Maker |
0708593 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 5-10 mm thick housing panels - HDFKV 50-VP-DP
|
Phoenix Contact
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
BYX133G |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes High-voltage car ignition diode
|
NXP Semiconductors N.V. Philips Semiconductors
|
39860-0106 39860-0104 39860-0102 39861-0105 |
CONN TERM BLOCK 6POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 4POS 5.08MM R/A 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Neo 5.08mm TB Plug S86 STY 05 Ckt 02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Pitch Spacing:0.2"; Body Material:Nylon 6/6; Gender:Plug; No. of Contacts:5; No. of Rows:1; Series:Beau Eurostyle 39861 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
LTC1318 LTC1318CSW 1318 |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Purple; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes Single 5V RS232/RS422/AppleTalk DCE Transceiver
|
Linear Technology Corporation LINER[Linear Technology]
|
2SC1318A 1318 2SA720A |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes Silicon NPN epitaxial planer type(For low-frequency driver amplification)
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
ICS9112M-44 ICS9112M-43 ICS9112-43 |
Frequency Generator for Gigabit Ethernet Systems 频率发生器千兆以太网系统 CABLE, 9272, TWINAX, PER M; Cores, No. of:2; Conductor make-up:7/28AWG; Area, conductor CSA:0.51mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Blue; Alpha type number:9815C RoHS Compliant: Yes Twinaxial Cable; Impedance:78ohm; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Blue; Leaded Process Compatible:No; Number of Conductors:2 RoHS Compliant: Yes
|
Integrated Circuit Syst... TE Connectivity, Ltd. Integrated Circuit Systems
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
AM83135-005 2897 |
Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1061, CSA Type AWM; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes From old datasheet system RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
1N1673 1N1660 1N2054 1N3270 1N3271 1N3272 1N3273 1 |
SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns) 标准整流器(花环率超00ns的) Round Conductor Flat Cable, 2049/26 30 AWG, .025 (0.64) 275 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AB CLOTH CLEANING HI-PERF BLUE 275 A, 500 V, SILICON, RECTIFIER DIODE, DO-205AB CABLE 100 COND .025 FLAT 100FT Round Conductor Flat Cable, 2049/100 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/36 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/34 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/20 30 AWG, .025 (0.64) Round Conductor Flat Cable, 2049/40 30 AWG, .025 (0.64) Masking Tape; Tape Backing Material:Crepe Paper; Width:1"; Roll Length:60yard; Adhesive Material:Rubber; Leaded Process Compatible:No; Pack Quantity:1 RoHS Compliant: Yes 275 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AB
|
Motorola Mobility Holdings, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|